PART |
Description |
Maker |
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
XPC604ERX200PD XPC604ERX180PD |
32-Bit Microprocessor(32浣?井澶???? PowerPC 604e? RISC Microprocessor Family: 32-Bit Microprocessor(32位微处理 32位微处理器(32位微处理器)
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|
UPD70108GC-8-3B6 UPD70108C-5 UPD70108C8 UPD70108LG |
TV 6C 6#8(TWINAX) SKT RECP 16-/8- Bit Microprocessor 16-Bit Microprocessor 16位微处理 TV 27C 19#20 4#16 4#12 PIN REC 16-/8-位微处理
|
NEC Corp. NEC, Corp.
|
HS1-80C85RH-8 HS9-80C85RH-8 HS1-80C85RH-Q HS9-80C8 |
Radiation Hardened 8-Bit CMOS Microprocessor 8-BIT, 2 MHz, MICROPROCESSOR, CDFP42
|
Intersil, Corp. Intersil Corporation
|
TS68020MF1B/C20 TS68020MFB/C20 TS68020MR1B/C20 TS6 |
HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 25 MHz, MICROPROCESSOR, CPGA114 MB 41C 27#20 14#16 SKT RECP 32-BIT, 16.67 MHz, MICROPROCESSOR, CQFP132 HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 16.67 MHz, MICROPROCESSOR, CQFP132 HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 16.67 MHz, MICROPROCESSOR, CPGA114 CAP 47PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 32-BIT, 16.67 MHz, MICROPROCESSOR, CPGA114 HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 20 MHz, MICROPROCESSOR, CQFP132 CAP 33PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; Number of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle CAP 47PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 STANDOFF CAP 68PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 T1/E1 Transformer HCMOS 32-bit Virtual Memory Microprocessor
|
http:// Atmel, Corp. Atmel Corp. ATMEL Corporation
|
AD767SD/883B AD767 |
Microprocessor-Compatible 12-Bit D/A Converter SERIAL INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, CDIP24 Microprocessor-Compatible 12-Bit D/A Converter(12位μP兼容DAC)
|
Analog Devices, Inc.
|
PD705100GJ-100-8EU UPD705100GJ-100-8EU |
32 Bit Single Chip Microprocessor(32 位单片微处理 32-BIT, 100 MHz, RISC PROCESSOR, PQFP144 32 Bit Single Chip Microprocessor(32 浣????井澶????
|
NEC Corp.
|
IS80C286-12 |
High Performance Microprocessor with Memory Management and Protection 16-BIT, 12.5 MHz, MICROPROCESSOR, PQCC68
|
Intersil, Corp.
|
20736 AM486DX AM486DX5-133V16BGC AM486DX2-66V16BHC |
Enhanced Am486DX Family Data Sheet 1.87MB (PDF) Am486DX Block Diagram 32-BIT, 133 MHz, MICROPROCESSOR, CPGA168 32-BIT, 66 MHz, MICROPROCESSOR, PQFP208
|
Advanced Micro Devices ADVANCED MICRO DEVICES INC
|
RM5231A RM5231A-250-H RM5231A-300-H RM5231A-300-HI |
64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus RM5231A⑩ Microprocessor with 32-Bit System Bus Data Sheet Preliminary RM5231A Microprocessor with 32-Bit System Bus Data Sheet Preliminary
|
PMC[PMC-Sierra, Inc]
|
RJ80530UY850512 RJ80530LY800512 |
32-BIT, 850 MHz, MICROPROCESSOR, PBGA479 MICRO, FCBGA-479 32-BIT, 800 MHz, MICROPROCESSOR, PBGA479
|
Intel, Corp. INTEL CORP
|
|